PART |
Description |
Maker |
EZ1587CM-1.8.TR EZ1587CM-2.5.TR EZ1587I EZ1587IT E |
3A Low Dropout Positive Voltage Regulator(3A,低压最.3V)正电压稳压器.3V固定和可调电压输出)) 5.0 AMP POSITIVE VOLTAGE REGULATOR Evaluation Module for 170 uVrms Zero Ripple Buck-Boost Charge Pump TPS60241 3A Low Dropout Positive Voltage Regulator(3A,低压最.4V)正电压稳压器(可调电压输出)) Analog IC 模拟IC 3.45 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3A Low Dropout Positive Voltage Regulator(3A,浣??宸???た.3V)姝g???ǔ???锛?.3V?哄????璋??????猴?)
|
Semtech Corporation Semtech, Corp.
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
AS1117M3 AS1117U-5.0 AS1117T-2.5 AS1117S-5.0 AS111 |
ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 Analog IC 模拟IC Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 800mA Low Dropout Regulator
SCSI-II Active Terminator
|
Alpha Industries, Inc. TE Connectivity, Ltd. SIPEX
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
LT1086-05-220M LT1086-12-220M LT1086-220M LT108622 |
12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 4-Bit Synchronous Up/Down Binary Counters 16-SO 0 to 70 TV 37C 37#16 SKT PLUG TV 43C 23#20 20#16 PIN PLUG LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3
|
TT electronics Semelab Limited SEME-LAB[Seme LAB] SEMELAB LTD
|
LT1529 LT1529-3.3 LT1529-5 LT1529CQ LT1529CQ-3.3 L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PZFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 CONNECTOR ACCESSORY 3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
TK71530 TK715XX TK71519 TK71519S TK71519SCL TK7151 |
LOW DROPOUT VOLTAGE REGULATOR 2.7 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 8 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 CAP 220UF 4V ELECT HB SMD
|
TOKO, Inc. TOKO Inc. TOKO[TOKO Inc] TOKO[TOKO, Inc]
|
ZLDO330T8 ZLDO330 ZLDO330T8TA ZLDO330T8/TATAPE/REE |
3.3 V, ultra low dropout regulator 3.3 VOLT ULTRA LOW DROPOUT REGULATOR IC-SM LDO VOLT REG 3.3V Circular Connector; Body Material:Thermoplastic; Series:C016; No. of Contacts:4; Connecting Termination:Solder; Circular Shell Style:Right Angle Receptacle; Features:Strain Relief with Clamping Ring RoHS Compliant: Yes 3.3伏超低压差稳压器
|
Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
OM1860NHM OM1860NKM OM1860NTM OM1860SHM OM1860SKM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
|
International Rectifier http://
|
|